Part Number Hot Search : 
74AC125 2142C 5KP20 2SK214 1N964 12160 05040 AN502
Product Description
Full Text Search
 

To Download 74HC4049 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC4049 Hex inverting high-to-low level shifter
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
FEATURES * Output capability: standard * ICC category: SSI GENERAL DESCRIPTION The 74HC4049 is a high-speed Si-gate CMOS device and is pin compatible with the "4049" of the "4000B" series. It is specified in compliance with JEDEC standard no. 7A. The 74HC4049 provides six inverting buffers with a modified input protection structure, which has no diode connected to VCC. Input voltages of up to 15 V may therefore be used.
74HC4049
This feature enables the inverting buffers to be used as logic level translators, which will convert high level logic to low level logic, while operating from a low voltage power supply. For example 15 V logic ("4000B series") can be converted down to 2 V logic. The actual input switch level remains related to the VCC and is the same as mentioned in the family characteristics. At the same time each part can be used as a simple inverter without level translation. APPLICATIONS * Converting 15 V logic ("4000B" series) down to 2 V logic.
QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/tPLH CI CPD Note 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fo) where: fi = input frequency in MHz fo = output frequency in MHz CL = output load capacitance in pF VCC = supply voltage in V (CL x VCC2 x fo) = sum of outputs ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay nA to nY input capacitance power dissipation capacitance per buffer note 1 CONDITIONS HC CL = 15 pF; VCC = 5 V 8 3.5 14 ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
PIN DESCRIPTION PIN NO. 1 2, 4, 6, 10, 12, 15 3, 5, 7, 9, 11, 14 8 13, 16 VCC 1Y to 6Y 1A to 6A GND n.c. SYMBOL data outputs data inputs ground (0 V) not connected NAME AND FUNCTION positive supply voltage
74HC4049
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
December 1990
3
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
74HC4049
Fig.5 Fig.4 Functional diagram.
Input protection for HC4049. Single sided thick oxide field effect metal gate transistor as input protection.
Fig.6 Logic diagram (one level shifter).
FUNCTION TABLE INPUT nA L H Notes 1. H = HIGH voltage level L = LOW voltage level OUTPUT nY H L
December 1990
4
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Voltages are referenced to GND (ground = 0 V) SYMBOL VCC VIK -IIK IOK IO ICC; IGND Tstg PARAMETER DC supply voltage DC input voltage range DC input diode current DC output diode current DC output source or sink current - standard outputs DC VCC or GND current for types with: - standard outputs storage temperature range power dissipation per package Ptot plastic DIL plastic mini-pack (SO) RECOMMENDED OPERATING CONDITIONS 74HC SYMBOL VCC VI Tamb Tamb PARAMETER min. DC supply voltage DC input voltage range 2.0 GND - typ. 5.0 max. 6.0 15 +85 +125 1000 500 400 650 1000 V V C C UNIT 750 400 mW mW -65 MIN. -0.5 -0.5 MAX. +7 +16 20 20 25 UNIT V V mA mA mA for VI < -0.5 V
74HC4049
CONDITIONS
for VO < -0.5 V or VO > VCC +0.5 V for -0.5 V < VO < VCC +0.5 V
50 +150
mA C for temperature range: -40 to +125 C 74HC above +70 C: derate linearly with 12 mW/K above +70 C: derate linearly with 8 mW/K
CONDITIONS
operating ambient temperature range -40 operating ambient temperature range -40
see DC and AC characteristics VCC = 2.0 V; VIN = 2.0 V VCC = 4.5 V; VIN = 4.5 V VCC = 6.0 V; VIN = 6.0 V VCC = 6.0 V; VIN = 10.0 V VCC = 6.0 V; VIN = 15.0 V
tr, tf
input rise and fall times
6.0
ns
December 1990
5
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
DC CHARACTERISTICS FOR 74HC Voltages are referenced to GND (ground = 0 V) Tamb (C) 74HC SYMBOL PARAMETER +25 min. VIH HIGH level input voltage LOW level input voltage HIGH level output voltage all outputs 1.9 4.4 5.9 1.5 3.15 4.2 typ. 1.3 2.4 3.1 0.7 1.8 2.3 2.0 4.5 6.0 0.5 1.35 1.8 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.26 0.26 0.1 0.1 0.1 0.1 0.33 0.33 1.0 -40 to +85 -40 to +125 UNIT VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 6.0 VIH or VIL VIH or VIL VIH or VIL VIH or VIL VI
74HC4049
TEST CONDITIONS
OTHER
max. min. max. min. max. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 1.5 3.15 4.2 0.5 1.35 1.8 V
VIL
V
VOH
V
-IO = 20 A -IO = 20 A -IO = 20 A -IO = 4.0 mA -IO = 5.2 mA IO = 20 A IO = 20 A IO = 20 A IO = 4.0 mA IO = 5.2 mA
VOH
HIGH level 3.98 output voltage 5.48 standard outputs LOW level output voltage all outputs LOW level output voltage standard outputs input leakage current
V
VOL
V
VOL
V
II
A
VCC or GND 15 V
0.5
5.0
5.0
A
2.0 to 6.0 6.0
ICC
quiescent supply current
2.0
20.0
40.0
A
15 V or GND
December 1990
6
Philips Semiconductors
Product specification
Hex inverting high-to-low level shifter
AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 min. tPHL/ tPLH propagation delay nA to nY output transition time typ. 28 10 8 19 7 6 max. 85 17 14 75 15 13 -40 to +85 min. max. 105 21 18 95 19 16 -40 to +125 UNIT min. max. 130 26 22 110 22 19 ns 2.0 4.5 6.0 2.0 4.5 6.0
74HC4049
TEST CONDITIONS VCC WAVEFORMS (V) Fig.7
tTHL/ tTLH
ns
Fig.7
AC WAVEFORMS
(1) HC: VM = 50%; VI = GND to VCC. HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.7 Waveforms showing the input (nA) to output (nY) propagation delays and the output transition times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
7


▲Up To Search▲   

 
Price & Availability of 74HC4049

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X